Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP1N120P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP1N120P
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP1N120P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP1N120P Datasheet HTML 1Page - IXYS Corporation IXTP1N120P Datasheet HTML 2Page - IXYS Corporation IXTP1N120P Datasheet HTML 3Page - IXYS Corporation IXTP1N120P Datasheet HTML 4Page - IXYS Corporation IXTP1N120P Datasheet HTML 5Page - IXYS Corporation IXTP1N120P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTY1N120P
IXTA1N120P
IXTP1N120P
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 30V, ID = 0.5 • ID25, Note 1
0.55
0.90
S
C
iss
445
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
25
pF
C
rss
5.4
pF
Q
g(on)
17.6
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
3.5
nC
Q
gd
10.6
nC
t
d(on)
20
ns
t
r
28
ns
t
d(off)
54
ns
t
f
27
ns
R
thJC
2.0
C/W
R
thCS
TO-220
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 30 (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
1
A
I
SM
Repetitive, Pulse Width Limited by T
JM
3
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
900
ns
I
F = 1A, -di/dt = 100A/μs, VR = 100V
Notes: 1. Pulse test, t  300s, duty cycle, d  2%.
2. On through-hole packages, R
DS(on) Kelvin test contact
location must be 5mm or less from the package body.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com