Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTD2012LCGCK Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APTD2012LCGCK
Description  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APTD2012LCGCK Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APTD2012LCGCK Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LCGCK Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LCGCK Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LCGCK Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO7908 / 1203015442 Rev No: V.4B Date: 04/08/2019
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APTD2012LCGCK
Parameter
Symbol
Emitting Color
Value
Unit
Min.
Max.
Wavelength at Peak Emission IF = 2mA
λpeak
Green
-
-
nm
Dominant Wavelength IF = 2mA
λdom
[1]
Green
-
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 2mA
Δλ
Green
-
-
nm
Capacitance
C
Green
-
-
pF
Forward Voltage IF = 2mA
VF
[2]
Green
1.5
2.1
V
Reverse Current (VR = 5V)
IR
Green
-
10
μA
Temperature Coefficient of λpeak
IF = 2mA, -10°C ≤ T ≤ 85°C
TCλpeak
Green
-
-
nm/°C
Temperature Coefficient of λdom
IF = 2mA, -10°C ≤ T ≤ 85°C
TCλdom
Green
-
-
nm/°C
Temperature Coefficient of VF
IF = 2mA, -10°C ≤ T ≤ 85°C
TCV
Green
-
-
mV/°C
Typ.
574
570
20
15
1.9
-
0.12
0.08
-1.9
Parameter
Symbol
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
150
mA
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
660
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
530
°C/W
Value
Electrostatic Discharge Threshold (HBM)
-
3000
V
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com