Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCT080 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # ZCT080
Description  Zero sequence current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

ZCT080 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  ZCT080 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Zero sequence current transformer
Model:ZCT080
Characteristic:
Crimp terminal output,with suppressor diode (TVS )
built in,used to leakage current protection (EGR) or
zero sequence current measurement.
Technical index:
Sub-plate
Core material:permalloy
Flame resistance:UL94-V0
Complaint with:GB1208-2006
Working temperature:-20℃~+70℃
Storage temperature:-30℃~+90℃
Work frequency:50Hz-60Hz
Dielectric strength:3.5KV 50Hz 1min
Electrical Index:
Dimension(in mm):
Connect diagram:
Rated input
Max input
Rated output
Turn ratios
Accuracy class
Linearity
Phase error
Sampling resistance max
weight
200
1.5
1:133
±10
≤0.2
mA
A
mA
%
%
Ω
g
www.yhdc.com
Email:yhdc@yhdc.com
S1
Ip
S2
T1
1 Turn
T2
54
50
6.5
4-M3.5
30
58
93
145
74
146
30
φ80
Front View
Side View
Bottom View
4-M3.5
(Crimp terminal)


Similar Part No. - ZCT080

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
ZCT023B YHDC-ZCT023B Datasheet
1Mb / 1P
Zero sequence current transformer
ZCT035 YHDC-ZCT035 Datasheet
4Mb / 1P
Zero sequence current transformer
ZCT045B YHDC-ZCT045B Datasheet
1Mb / 1P
Zero sequence current transformer
ZCT065B YHDC-ZCT065B Datasheet
2Mb / 1P
Zero sequence current transformer
More results

Similar Description - ZCT080

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
ZCT023B YHDC-ZCT023B Datasheet
1Mb / 1P
Zero sequence current transformer
ZCT035 YHDC-ZCT035 Datasheet
4Mb / 1P
Zero sequence current transformer
ZCT045B YHDC-ZCT045B Datasheet
1Mb / 1P
Zero sequence current transformer
ZCT065B YHDC-ZCT065B Datasheet
2Mb / 1P
Zero sequence current transformer
ZCT120 YHDC-ZCT120 Datasheet
592Kb / 1P
Zero sequence current transformer
ZST023B YHDC-ZST023B Datasheet
1Mb / 1P
Zero sequence leakage current switch transformer
ZST045B YHDC-ZST045B Datasheet
5Mb / 1P
Zero sequence leakage current switch transformer
ZST065B YHDC-ZST065B Datasheet
2Mb / 1P
Zero sequence leakage current switch transformer
ZTA06W YHDC-ZTA06W Datasheet
2Mb / 1P
Zero sequence current transformer
ZTA1208DB-100 YHDC-ZTA1208DB-100 Datasheet
787Kb / 1P
Zero sequence current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com