Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF9NK80Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF9NK80Z
Description  N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9NK80Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF9NK80Z Datasheet HTML 3Page - STMicroelectronics STF9NK80Z Datasheet HTML 4Page - STMicroelectronics STF9NK80Z Datasheet HTML 5Page - STMicroelectronics STF9NK80Z Datasheet HTML 6Page - STMicroelectronics STF9NK80Z Datasheet HTML 7Page - STMicroelectronics STF9NK80Z Datasheet HTML 8Page - STMicroelectronics STF9NK80Z Datasheet HTML 9Page - STMicroelectronics STF9NK80Z Datasheet HTML 10Page - STMicroelectronics STF9NK80Z Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP9NK80Z - STF9NK80Z
10/11
Table 10: Revision History
Date
Revision
Description of Changes
18-May-2005
1
First Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com