Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1145 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1145
Description  AUDIO PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1145 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1145 Datasheet HTML 3Page - New Japan Radio NJW1145 Datasheet HTML 4Page - New Japan Radio NJW1145 Datasheet HTML 5Page - New Japan Radio NJW1145 Datasheet HTML 6Page - New Japan Radio NJW1145 Datasheet HTML 7Page - New Japan Radio NJW1145 Datasheet HTML 8Page - New Japan Radio NJW1145 Datasheet HTML 9Page - New Japan Radio NJW1145 Datasheet HTML 10Page - New Japan Radio NJW1145 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NJW1145
-7 -
s
s
s
sTERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
2
3
4
5
6
35
36
37
38
39
40
IN1a
IN2a
IN3a
IN4a
IN5a
IN6a
IN6b
IN5b
IN4b
IN3b
IN2b
IN1b
Ach Input Terminal 1
Ach Input Terminal 2
Ach Input Terminal 3
Ach Input Terminal 4
Ach Input Terminal 5
Ach Input Terminal 6
Bch Input Terminal 6
Bch Input Terminal 5
Bch Input Terminal 4
Bch Input Terminal 3
Bch Input Terminal 2
Bch Input Terminal 1
V+/2
7
13
14
27
28
34
MONa
LINEa
OUTa
OUTb
LINEb
MONb
Ach Monitor Output Terminal (-2dB)
Ach Line Output Terminal (4.5dB)
Ach Output Terminal (0dB)
Bch Output Terminal (0dB)
Bch Line Output Terminal (4.5dB)
Bch Monitor Output Terminal (-2dB)
V+/2
8
SS FIL
Surround Filter 1
V+/2
9
10
31
32
BBE1a
BBE2a
BBE2b
BBE1b
Ach BBE Filter 1
Ach BBE Filter 2
Bch BBE Filter 2
Bch BBE Filter 1
V+/2
11
30
TONE-Ha
TONE-Hb
Ach Treble Filter
Bch Treble Filter
V+/2
20k
80k
50
FB
20k
FB
24k
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com