Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S2042 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S2042
Description  SPDT PIN Diode Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2042 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S2042_V01 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2042_V01 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2042_V01 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2042_V01 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2042_V01 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
SPDT PIN Diode Switch
20 to 2500 MHz Bandwidth
Insertion loss: 1.5 dB max
Isolation: 35 dB min
50 Ohms
Switching Speed: 10 microseconds
DC voltage: +15 Vdc
SMA female connectors
TTL Control Logic
Applications
Electronic Warfare
Test & Measurement
Military and Wireless
Communications Systems
Military & Space
Radar
.
Description
The PE71S2042 is a single pole double throw (SPDT) PIN diode switch that operates over the frequency range of 20 MHz
to 2500 MHz. The 50 ohm design supports TTL control logic and is rated up to 25 watt average RF input power. Typical
performance includes 1 dB insertion loss and greater than 35 dB isolation. Switching speed is 40 microseconds with 1.4:1
typical VSWR and an operating voltage of +15 Vdc with 80 mA nominal current. The rugged package design supports SMA
Female RF input/output connectors. The Switch design is highly reliable with an operational temperature of 0°C to +70°C.
Electrical Speciications
TTL Control
Of/Isolation: ”0” 0 to V
On/Low Loss: ”1”
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.02
2.5
GHz
Impedance
50
Ohms
VSWR
1.4:1
Insertion Loss
1
dB
Switching Time
10
µs
Input Power (CW)
25
Watts
Input Power (Peak) @ 1 µsec Pulse
200
Watts
Positive Operating Voltage
15
Vdc
Current @ 15 Vdc
80
mA
Operating Temperature
0
+70
deg C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: SPDT PIN Diode Switch Operating From 20 MHz to 2.5 GHz Up to 25 Watts (+44 dBm) and
SMA PE71S2042
PE71S2042 REV 1.0
SPDT PIN Diode Switch Operating From 20 MHz to
2.5 GHz Up to 25 Watts (+44 dBm) and SMA
PI N Diode Sw it c he s Te c hnic a l Da t a She e t
PE7 1 S2 0 4 2


Similar Part No. - PE71S2042_V01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2042 PASTERNACK-PE71S2042 Datasheet
529Kb / 5P
PIN Diode Switches Technical Data Sheet
More results

Similar Description - PE71S2042_V01

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
HMICTM PIN Diode SPDT 50 Watt Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW-000936 MA-COM-MASW-000936 Datasheet
176Kb / 7P
PIN Diode SPDT 120 Watt Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
SURMOUNT Silicon PIN Diode SPDT Switch
logo
Pasternack Enterprises,...
PE71S2039 PASTERNACK-PE71S2039_V01 Datasheet
551Kb / 5P
SPDT PIN Diode Switch
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
Absorptive SPDT PIN Diode Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com