Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45461 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45461
Description  SMA Male Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45461 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45461 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45461 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45461 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45461 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45461 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45461 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• Vertical Launch Interface Type
• Clamp Attachment
Features
• Max. Operating Frequency 26.5 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Reusable vertical launch installation
Applications
• General Purpose Test
• PCB Applications
• Signal Integrity Measurement
• Chip Evaluations
• SERDES
• Vertical Launch Test Fixtures
.
Description
Pasternack’s PE45461 SMA male connector with clamp attachment for vertical launch PCB is part of our full line of RF
components available for same-day shipping. Our SMA male connector operates up to a maximum frequency of 26.5 GHz
and ofers good VSWR of 1.3:1.
Our SMA male connector PE45461 datasheet speciications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to conigure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly coniguration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
26.5
GHz
VSWR
1.3:1
.
Electrical Speciication Notes:
Actual VSWR performance is largely dependent on circuit board design. For optimal results, the connector and circuit
launch geometry should be modeled using Electromagnetic Simulation tools.
Mechanical Speciications
Size
Length
0.5 in [12.7 mm]
Width/Dia.
0.315 in [8.00 mm]
Height
0.39 in [9.91 mm]
.
.
Mating Cycles
500 Cycles
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: SMA Male Connector Clamp Attachment Vertical Launch PCB, Removable Microstrip Launch
PE45461
PE45461 REV 1.0
SMA Male Connector Clamp Attachment Vertical
Launch PCB, Removable Microstrip Launch
RF Conne c t ors
Te c hnic a l Da t a She e t
PE4 5 4 6 1


Similar Part No. - PE45461

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4546 PASTERNACK-PE4546 Datasheet
295Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Tab Terminal, .718 inch Hole Spacing
PE4546 PASTERNACK-PE4546 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE45460 PASTERNACK-PE45460 Datasheet
536Kb / 6P
SMA Male Connector
PE4546 PASTERNACK-PE4546_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
More results

Similar Description - PE45461

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
SMA MALE TO SMA MALE STRAIGHT ADAPTER
DELTA-1C ETC2-DELTA-1C Datasheet
238Kb / 2P
SMA male connector
logo
Taoglas antenna solutio...
GW.15.2113 TAOGLAS-GW.15.2113 Datasheet
3Mb / 66P
SMA Male Straight Connector
logo
Pasternack Enterprises,...
PE4589 PASTERNACK-PE4589_16 Datasheet
321Kb / 3P
SMA Male Connector
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
PE45460 PASTERNACK-PE45460 Datasheet
536Kb / 6P
SMA Male Connector
logo
Linx Technologies
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com