Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT031QL Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # SCT031QL
Description  Split core current transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT031QL Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT031QL Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Split core current transformer
Model:SCT031QL
Characteristic:
Opening size 31mmx31mm, Compatible to foreign products,
Epoxy encapsulated, leading wire output(1m)。
Technical indicators:
Material of core: Silicon steel sheet
Fire resistance property:UL94-V0
Work voltage:660V
Work temperature:-25℃~+70℃
Storage temperature:-40℃~+85℃
Frequency range:50Hz~400Hz
Dielectric strength::3.5KV 50Hz 1min
Electric parameter:
Outline size diagram(in mm):
Characteristic curve in different load volt-ampere:
Wiring diagram:
Rated input(rms)
Max. Input
Rated output
Turns ratio
Accuracy
Linearity
Phase error
max:Sampling resistance
Weight
600
750
0.333
±1
≤0.2
20
265
A
A
V
%
%
Ω
g
www.yhdc.com
Email:yhdc@yhdc.com
l
Built-in with sampling resistance, voltage output type
K
k
L
R
(Black)
(White)
Front view
82
31.8
Core opening and closing way: pull plug type
Side view
26
Ip


Similar Part No. - SCT031QL

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT030HN YHDC-SCT030HN Datasheet
8Mb / 1P
0.333V Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT032R YHDC-SCT032R Datasheet
5Mb / 1P
0.333V Split core current transformer
SCT036TS YHDC-SCT036TS Datasheet
1Mb / 1P
0.333V Split core current transformer
SCT036TS-D YHDC-SCT036TS-D Datasheet
987Kb / 1P
T-D series DC output split core current transformer
More results

Similar Description - SCT031QL

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
MPS Industries, Inc.
P4019 MPSIND-P4019 Datasheet
374Kb / 1P
SPLIT CORE CURRENT TRANSFORMER
logo
Beijing Yaohuadechang E...
SCT013-RJ45 YHDC-SCT013-RJ45 Datasheet
2Mb / 1P
Split core current transformer
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-030 YHDC-SCT013-030 Datasheet
5Mb / 1P
Split core current transformer
SCT013-050 YHDC-SCT013-050 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com