Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV242LD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV242LD
Description  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242LD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV242LD Datasheet HTML 1Page - National Semiconductor (TI) LMV242LD Datasheet HTML 2Page - National Semiconductor (TI) LMV242LD Datasheet HTML 3Page - National Semiconductor (TI) LMV242LD Datasheet HTML 4Page - National Semiconductor (TI) LMV242LD Datasheet HTML 5Page - National Semiconductor (TI) LMV242LD Datasheet HTML 6Page - National Semiconductor (TI) LMV242LD Datasheet HTML 7Page - National Semiconductor (TI) LMV242LD Datasheet HTML 8Page - National Semiconductor (TI) LMV242LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
V
DD - GND
6.5V Max
ESD Tolerance (Note 2)
Human Body Model
2 kV
Machine Model
200V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 6)
150˚C Max
Mounting Temperature
Infrared or convection (20 sec)
235˚C
Operating Ratings (Note 1)
Supply Voltage
2.6V to 5.5V
Operating Temperature
Range
−40˚C to +85˚C
V
RAMP Voltage Range
0V to 2V
RF Frequency Range
450 MHz to 2 GHz
2.6V Electrical Characteristics Unless otherwise specified, all limits are guaranteed to T
J = 25˚C.
V
DD = 2.6V. Boldface limits apply at temperature extremes (Note 4).
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
V
OUT =(VDD - GND)/2
6.9
9
12
mA
In Shutdown (TX_EN = 0V)
V
OUT =(VDD - GND)/2
0.2
30
µA
V
HIGH
Logic Level to Enable Power
(Note 7)
1.8
V
V
LOW
Logic Level to Disable Power
(Note 7)
0.8
V
T
ON
Turn-on-Time from Shutdown
3.6
6
µs
I
EN,IBS
Current into TX_EN and BS Pin
0.03
5
µA
RAMP Amplifier
V
RD
V
RAMP Deadband
155
206
265
mV
1/R
RAMP
Transconductance
(Note 8)
70
96
120
µA/V
I
OUT RAMP
Ramp Amplifier Output Current
V
RAMP =2V
100
162
µA
RF Input
P
IN
RF Input Power Range (Note 5)
20 k
Ω // 68 pF between
V
COMP1 and VCOMP2
−50
0
dBm
−63
−13
dBV
Logarithmic Slope (Note 9)
@ 900 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
−1.74
µA/dB
@ 1800 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
−1.62
@ 1900 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
−1.60
@ 2000 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
−1.59
Logarithmic Intercept (Note 9)
@ 900 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
–50.4
dBm
@ 1800 MHz, 20 k
Ω // 68 if
between V
COMP1 and VCOMP2
–52.3
@ 1900 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
–51.9
@ 2000 MHz, 20 k
Ω // 68 pF
between V
COMP1 and VCOMP2
–52.3
R
IN
DC Resistance
(Note 8)
55.7
Ω
Error Amplifier
GBW
Gain-Bandwidth Product
(Note 8)
5.1
MHz
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com