Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32SMB Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SS32SMB
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SS32SMB Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SS32SMB Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SS32SMB Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SS32SMB Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
3A/SMB Series
www.yint.com.cn
Rev:19.3
1
3A/SMB Series
Electrical Characteristics
TYPE
I(AV)
VRRM
IRSM
VFM
I RM @ VRRM
Case Style
@IRM
VFM
I(AV)
TA=25℃
A
V
A
V
A
mA
SS32/SMB
3.0
20
150
0.50
5.0
0.5
SMB/Do-214AA
SS33/ SMB
3.0
30
150
0.55
5.0
0.5
SMB/Do-214AA
SS34/ SMB
3.0
40
150
0.55
5.0
0.5
SMB/Do-214AA
SS35/ SMB
3.0
50
150
0.70
5.0
0.5
SMB/Do-214AA
SS36/ SMB
3.0
60
150
0.70
5.0
0.5
SMB/Do-214AA
SS38/ SMB
3.0
80
150
0.85
5.0
0.5
SMB/Do-214AA
SS310/ SMB
3.0
100
150
0.85
5.0
0.5
SMB/Do-214AA
SS315/ SMB
3.0
150
150
0.90
5.0
0.5
SMB/Do-214AA
SS320/ SMB
3.0
200
150
0.95
5.0
0.5
SMB/Do-214AA
●
I(AV) ……
Average Forward Rectified Current
●
IRM ……
Maximum Reverse Leakage Current
●
IRRM ……
Repetitive Peak Reverse Current
●
IRSM ……
Maximum Non-repetitive Reverse Peak Current
●
VFM ……
Maximum Forward Voltage
●
VFR ……
Forward Recovery Voltage
●
VRRM ……
Maximum Repetitive Peak Reverse Voltage
General Description
Schottky (Schottky) diode is also known as Schottky barrier Rectifiers
(SBR),) has been in the power supply industry for 25 years, it is a
low-power, ultra-high speed semiconductor devices, widely used in
switching power supplies, frequency converters, Driver circuit, such as
high frequency, low voltage, high current rectifier diode, continuous
current diode, protection diode, or microwave communication circuit as
rectifier diode, small signal detector diode.
◆
FEATURES
●Compact package, easy to install
●Efficient overvoltage protection device
●Ultra-low forward pressure drop
●Ideal products for High Frequency Circuits
●Comply with relevant welding international standard MIL-STD-202


Similar Part No. - SS32SMB

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS32SMB DGNJDZ-SS32SMB Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Yint Electroni...
SS32SMB YINT-SS32SMB Datasheet
520Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
SS32SMB YINT-SS32SMB Datasheet
487Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com