Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF52 Datasheet(PDF) 8 Page - Shanghai Yint Electronic Co., Ltd

Part # MF52
Description  Metal Oxide Varistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MF52 Datasheet(HTML) 8 Page - Shanghai Yint Electronic Co., Ltd

Back Button MF52 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 6Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 7Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 8Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 9Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 10Page - Shanghai Yint Electronic Co., Ltd MF52 Datasheet HTML 11Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
8
●
The range of resisitance under the rated zero power(R25):
0.1-3780KΩ
●
The allowable tolerance of R25: ±1%,±2%,±3%,±5%,±10%
●
The range of B value: 3100~4500K
●
The allowable tolerance of (label by requirment)B value:
±0.5%,±1%
●
Dissipation factor: ≥2mW/℃(in still air)
●
Thermal time constant: ≤20S(in still air)
●
The range of operating temperature: -55℃~+250℃
Rated power: ≤50mW
产品标识说明
Specification
外形结构和尺寸
Dimensions(mm)
CWF 精密型 NTC 温度传感器系列
CWF Precision NTC Temperature sensor Series
应用范围
应用于家用空调,汽车空调,冰箱,冷柜,热水器,饮水机,暖
风机,洗碗机,消毒柜,洗衣机,烘干机以及中低温干燥箱,恒
温箱等场合的温度测量与控制。
Applications
Temperature measurement and contril of household and
automobile air-condition, refrigeratory, icebox, water heater,
drinking trough, radiator, dishwasher, disinfector, washing
machine, drying machine,middle-or-low-temperature drying
box and constant temperature box
特点
采用全新工艺,产品性能稳定,可长期工作
电阻值与
B 值精度高,一致性好,可互换
灵敏度高,反应迅速
具有良好的绝缘密封性和抗机械碰撞,抗折弯能力,可靠性高
Characteristics
Adopting new technique, steady product performance,
capability of long time operating
High precision of resistance and B value, good coherence,
MF58 502 F 3650 E
B 值允许偏差代号(根据需要标注)
E:±0.5%,F:±1%
B 值:为 3650K
阻值允许偏差代号:
F:±1%,G:±
2%,H:±3%,J:±5%,K:±10%
标称电阻值:
502 为 5KΩ
型号
The allowable tolerance of(label by requirment)
E:±0.5%,F:±1%
B value; namedly 3650K
Resistance Tolerance Code: Namely F;±1%,G;±2%,
H;±3%,J;±5%,K;±10%
Rated Resistance:502 namely 5KΩ
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com