Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016C1D-UI10 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1016C1D-UI10
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1D-UI10 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1016C1D-UI10 Datasheet HTML 1Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1D-UI10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 1 -
July 2004
PRELIMINARY
K6R1004C1D
CMOS SRAM
Document Title
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 0.1
Rev. 0.2
Rev. 1.0
Rev. 2.0
Rev. 3.0
Remark
Preliminary
Preliminary
Preliminary
Final
Final
Final
History
Initial release with Preliminary.
Current modify
1. Delete 15ns speed bin.
2. Change Icc for Industrial mode.
1. Final datasheet release.
2. Delete UB,LB releated AC characteristics and timing diagram.
1. Delete 12ns speed bin.
1. Add the Lead Free Package type.
Item
Previous
Current
ICC(Industrial)
10ns
85mA
75mA
12ns
75mA
65mA
Draft Data
June. 8. 2001
September. 9. 2001
December. 18. 2001
June. 19. 2002
July. 8. 2002
July. 26, 2004


Similar Part No. - K6R1016C1D-UI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016C1D-UI10 SAMSUNG-K6R1016C1D-UI10 Datasheet
192Kb / 9P
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1016C1D-UI10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com