Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G08L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G08L-AF5-R
Description  2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G08L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G08L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G08L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G08L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G08L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G08L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-064.H
2-INPUT AND GATE
DESCRIPTION
The UTC U74AHC1G08 is a high-speed si-gate CMOS device
which provides the 2-input AND function.
FEATURES
* Operation Voltage Range: 2~5.5V
* Low Power Current:
ICC=10μA(Max)
* High speed:
tPD=4.3ns(Typ) @ VCC =5V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHC1G08L-AE5-R
U74AHC1G08G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G08L-AF5-R
U74AHC1G08G-AF5-R
SOT-25
Tape Reel
U74AHC1G08L-AL5-R
U74AHC1G08G-AL5-R
SOT-353
Tape Reel
U74AHC1G08G-AE5-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AE5: SOT-23-5, AF5: SOT-25, AL5: SOT-353
(3) G: Halogen Free and Lead Free, L: Lead Free
MARKING
A08
3
2
1
4
5
L: Lead Free
G: Halogen Free


Similar Part No. - U74AHC1G08L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G08L-AF5-R UTC-U74AHC1G08L-AF5-R Datasheet
96Kb / 5P
2-INPUT AND GATE
U74AHC1G08L-AF5-R UTC-U74AHC1G08L-AF5-R Datasheet
155Kb / 5P
2-INPUT AND GATE
More results

Similar Description - U74AHC1G08L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com