Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC164G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC164G-P14-R
Description  8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC164G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC164G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC164
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R502-240.E
8-BIT SERIAL-PARALLEL-OUT
SHIFT REGISTER
DESCRIPTION
The U74AHC164 is an 8-bit serial-in/parallel-out shift register.
The logical AND of the Dsa and Dsb enters into Q0 and shifts one
place to right on each LOW-to-HIGH transition of the clock (CP). A
low level on the master reser (
MR )input clears all the register
asynchronously and force all output LOW.
FEATURES
* Operate From 2V to 5.5V
* Schmitt on all inputs
* Balanced propagation delays
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74AHC164G-S14-R
U74AHC164G-S14-R
SOP-14
Tape Reel
U74AHC164G-P14-R
U74AHC164G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74AHC164G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC164G-P14-R UTC-U74AHC164G-P14-R Datasheet
196Kb / 5P
8-Bit Serial-In/Parallel-Out Shift Register
U74AHC164G-P14-R UTC-U74AHC164G-P14-R Datasheet
209Kb / 5P
8-Bit Serial-In/Parallel-Out Shift Register
More results

Similar Description - U74AHC164G-P14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
8-Bit Parallel-Out Serial Shift Register
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
8-Bit Parallel-Out Serial Shift Register
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com