Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT4066G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT4066G-P14-R
Description  QUAD BILATERAL SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT4066G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT4066G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT4066G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT4066G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT4066G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HCT4066G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74HCT4066G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HCT4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-286.D
ABSOLUTE MAXIMUM RATING (TA=25°C,unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +11
V
Input Diode Current
IIK
±20
mA
Switch Diode Current
ISK
±20
mA
Switch Current
IS
±25
mA
VCC or GND Current
ICC
±50
mA
Power Dissipation
500
mW
Derate above 60°C
TSSOP-14
5.5
mW/°C
Derate above70°C
SOP-14
PD
8
mW/°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
GND
VCC
V
Switch Voltage
VS
GND
VCC
V
Input Transition Rise or Fall Rate
tR, tF
VCC =2V
6
500
ns
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=4.5V to 5.5V
2
V
Low-Level Input Voltage
VIL
VCC=4.5V to 5.5V
0.8
V
Input Leakage Current
II(LEAK)
VCC=5.5V,VIN=VCC or GND
±1.0
μA
OFF-state
±1.0
current per channel
ON-state
IS
VCC=5.5V, VIN=VIH or VIL,
VS=VCC-GND
±1.0
μA
Quiescent Supply Current
IQ
VCC=4.5V to 5.5V ,
VIN=VIS=VOS=VCC or GND
20
μA
Additional Quiescent Supply Current
∆ IQ
VCC=4.5V to 5.5V, VIN=VCC-2.1V,
Other inputs at VCC or GND
100
450
μA
Peak
RON
VIN=VIH or VIL, VIS=VCC to GND,
VCC=4.5V, IS=1mA
54
118
Ω
VIS=GND
35
95
Ω
ON-resistance
Rail
RON
VIN=VIH or VIL,
VCC=4.5V, IS=1mA
VIS=VCC
42
106
Ω
Maximum variation of ON-resistance
between any two channels
△
RON
VIN= VIH or VIL ,VIS= VCC to
GND, VCC =4.5V
5
Ω
DYNAMIC CHARACTERISTICS (TA=25℃, GND=0V; tR=tF=6ns; CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay From VIS to VOS
tPHL/tPLH VCC=4.5V, RL=∞
3
15
ns
Turn-ON Time from nE to VOS
tPZH/tPZL VCC=4.5V, RL=1KΩ
12
30
ns
Turn-OFF Time from nE to VOS
tPHZ/tPLZ VCC=4.5V, RL=1KΩ
20
44
ns
Sine-Wave Distortion
THD
VCC=4.5V, VIS(P-P)=4V, f=1kHz,
RL=10k
0.04
%
Switch OFF Signal Feed-Through
(Note 1)
αOFF
VCC=4.5V, RL=600Ω, f=1MHz
-50
dB
Crosstalk Between any two Switches
(Note 1)
αCT(S)
VCC=4.5V, RL=600Ω, f=1MHz
-60
dB
Crosstalk Voltage between any input to
any Switch (Peak-to-Peak Value)
V(P-P)
VCC=4.5V, RL=600Ω, f=1MHz
110
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com