Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G06L-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G06L-AE5-R
Description  SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G06L-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G06L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G06L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G06L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G06L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G06L-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-399.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output Voltage
VOUT
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
±50
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT<0)
IOK
-50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-23-5
280
Junction to Ambient
SOT-353
θJA
350
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
5.5
V
VCC=1.65V
4
mA
VCC=2.3V
8
mA
VCC=3V
16
mA
VCC=3V
24
mA
Low-Level Output Current
IOL
VCC=4.5V
32
mA
Operating Temperature
TA
-40
85
°C
VCC=1.8V±0.15V,2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
Input Transition Rise or Fall
Rate
tR / tF
VCC=5V±0.5V
5
ns/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com