Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G07G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G07G-AL5-R
Description  BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G07G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G07G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G07
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-215.K
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
Active
-0.5 ~ 6.5
V
Output Voltage
VOUT
Power-Down
-0.5 ~ 6.5
V
Continuous VCC or GND
Current
ICC
±100
mA
Continuous Output Current
IOUT
±50
mA
Input Clamp Current
IIK
VIN<0
-50
mA
Output Clamp Current
IOK
VOUT<0
-50
mA
Storage Temperature Range
TSTG
-65 ~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
5.5
V
Operating Temperature
TOPR
-40
+125
°С
STATIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.65V~1.95V
0.65×VCC
V
VCC =2.3V~2.7V
1.7
V
VCC =3.0V~3.6V
2
V
High-Level Input Voltage
VIH
VCC =4.5V~5.5V
0.7×VCC
V
VCC =1.65V~1.95V
0.35×VCC
V
VCC =2.3V~2.7V
0.7
V
VCC =3.0V~3.6V
0.8
V
Low-Level Input Voltage
VIL
VCC =4.5V~5.5V
0.3×VCC
V
VCC =1.65V ~ 5.5V, IOL=100μA
0.1
V
VCC =1.65V, IOL=4mA
0.45
V
VCC =2.3V, IOL=8mA
0.3
V
VCC =3.0V, IOL=16mA
0.4
V
VCC =3.0V, IOL=24mA
0.55
V
Low-Level Output Voltage
VOL
VCC =4.5V, IOL=32mA
0.55
V
Input Leakage Current
II(LEAK)
VCC =0V~5.5V, VIN=VCC or GND
±5
μA
Power OFF Leakage Current
Ioff
VCC =0V, VIN or VCC=5.5V
±10
μA
OFF-state output current
IOZ
VCC=5.5V, VIN=VIH or VIL,
VOUT=VCC or GND
±0.1
±10
μA
Quiescent Supply Current
IQ
VCC=1.65V~5.5V, VIN=VCC or GND,
IOUT=0
10
μA
Additional Quiescent Supply
Current
IQ
VCC =3V~5.5V, One input at VCC-0.6V,
other inputs at VCC or GND
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
4
pF
Output Capacitance
COUT
VCC =3.3V, VOUT=VCC or GND
5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com