Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G14L-AE5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G14L-AE5-R
Description  SINGLE SCHMITT-TRIGGER INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G14L-AE5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G14L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G14L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G14L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G14L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G14L-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74LVC1G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-081.I
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
VCC
VIN
tR, tF
VM
CL
RL
1.65V~1.95V
VCC
≤2ns
2
VCC
30pF
1kΩ
2.3V~2.7V
VCC
≤2ns
2
VCC
30pF
500Ω
2.7V
2.7V
≤2.5ns
1.5V
50pF
500Ω
3.0V~3.6V
2.7V
≤2.5ns
1.5V
50pF
500Ω
4.5V~5.5V
VCC
≤2.5ns
2
VCC
50pF
500Ω
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com