Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G17L-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G17L-AE5-R
Description  SINGLE SCHMITT-TRIGGER BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G17L-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G17L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G17L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G17L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G17L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G17L-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G17
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-080.I
SINGLE SCHMITT-TRIGGER
BUFFER
DESCRIPTION
The UTC U74LVC1G17 is a single Schmitt-trigger buffer, it
provides the function Y=A.
The device have different input threshold levels for positive-
going (VT+) and negative-going(VT-) signals because of the
Schmitt-trigger action in the input.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operation Voltage Range: 1.6V ~ 5.5V
* Low Power Current: ICC=10μA (Max.)
* ±24mA Output Drive (VCC=3.0V)
* Power Down Protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74LVC1G17L-AE5-R
U74LVC1G17G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G17L-AF5-R
U74LVC1G17G-AF5-R
SOT-25
Tape Reel
U74LVC1G17L-AL5-R
U74LVC1G17G-AL5-R
SOT-353
Tape Reel
MARKING
3A7
3
2
1
4
5
L: Lead Free
G: Halogen Free


Similar Part No. - U74LVC1G17L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G17L-AE5-R UTC-U74LVC1G17L-AE5-R Datasheet
150Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - U74LVC1G17L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com