Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G18L-AL6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G18L-AL6-R
Description  1-OF-2 NON-INVERTING DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G18L-AL6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G18L-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G18L-AL6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74LVC1G18
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-559.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
Output Voltage (any output in the high-impedance or
power-off state)
VOUT
-0.5 ~ 6.5
V
Output Voltage (any output in the high or low state)
VOUT
-0.5 ~ VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Power Dissipation
TA=-40°C to +85°C
PD
250
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-363
θJA
350
°C/W
SOT-26
230
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Data retention only
1.5
Input Voltage
High
VIH
VCC=1.65V~1.95V
0.65×VCC
V
VCC=2.3V~2.7V
1.7
VCC=3V~3.6V
2
VCC=4.5V~5.5V
0.7×VCC
Low
VIL
VCC=1.65V~1.95V
0.35×VCC
V
VCC=2.3V~2.7V
0.7
VCC=3V~3.6V
0.8
VCC=4.5V~5.5V
0.3×VCC
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
Output Current
High
IOH
VCC=1.65V
-4
mA
VCC=2.3V
-8
VCC=3V
-16
-24
VCC=4.5V
-32
Low
IOL
VCC=1.65V
4
mA
VCC=2.3V
8
VCC=3V
16
24
VCC=4.5V
32
Input Transition Rise or Fall Rate
t/v
VCC=1.8±0.15V, 2.5±0.2V
20
ns/V
VCC=3.3±0.3V
10
VCC=5.0+0.5V
5
Operating Temperature
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com