Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G18G-AL6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74LVC1G18G-AL6-R
Description  1-OF-2 NON-INVERTING DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G18G-AL6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74LVC1G18G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G18G-AL6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74LVC1G18
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-559.B
TEST CIRCUIT AND WAVEFORMS (Cont.)
VM
VM
VM
VM
VIN
0V
VOH
VOL
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
VM
VM
VM
VM
VM
VIN
0V
VOH
Input
Output
tPZH
tPHZ
V
VOL
Output
VM
S1 at GND
S1 at VLOAD
0V
LOAD
/2
tPZH
tPLZ
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com