Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G18L-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G18L-AG6-R
Description  1-OF-2 NON-INVERTING DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G18L-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G18L-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G18L-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G18
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R502-559.B
1-OF-2 NON-INVERTING
DEMULTIPLEXER WITH 3-STATE
DESELECTED OUTPUT
DESCRIPTION
The U74LVC1G18 is a 1-of-2 non-inverting demultiplexer with
3-state output. When the select input S is low data passes from A
(input) to Y0 (output) and Y1 (output) is in the high-impedance state.
When the select input S is high data passes from A (input) to Y1
(output) and Y0 (output) is in the high-impedance state.
The U74LVC1G18 is designed for 1.65V to 5.5V operation and
it can be driven from either 3.3V or 5.5V devices. Therefore, it can
be used in a mixed 3.3V and 5V environment.
The U74LVC1G18 is fully specified for partial-power-down
applications using IOFF. The IOFF circuitry disables the outputs and
prevents damaging current backflow through the device when it is
powered down.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Max tPD of 3.4 ns at 3.3V
* Up to 5.5V inputs accept voltages
* Low power consumption, ICC = 10 μA (Max.)
* ±24 mA output driver at 3.3V
* Typical VOLP (Output Ground Bounce) < 0.8V,
VCC = 3.3 V, TA = 25 ℃
* Typical VOHV (Output VOH undershoot) > 2V,
VCC = 3.3 V, TA = 25 ℃
* IOFF supports partial-power-down mode operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G18L-AL6-R
U74LVC1G18G-AL6-R
SOT-363
Tape Reel
U74LVC1G18L-AG6-R
U74LVC1G18G-AG6-R
SOT-26
Tape Reel
(1) R: Tape Reel
(2) AL6: SOT-363, AG6: SOT-26
(3) G: Halogen Free and Lead Free, L: Lead Free
U74LVC1G18G-AL6-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - U74LVC1G18L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G18L-AG6-R UTC-U74LVC1G18L-AG6-R Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
U74LVC1G18L-AG6-R UTC-U74LVC1G18L-AG6-R Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER
More results

Similar Description - U74LVC1G18L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18 Datasheet
117Kb / 8P
TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Fairchild Semiconductor
NC7SZ18 FAIRCHILD-NC7SZ18_04 Datasheet
166Kb / 8P
TinyLogic UHS 1-of-2 Non-Inverting Demultiplexer with 3-STATE Deselected Output
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18_15 Datasheet
230Kb / 7P
1-OF-2 NON-INVERTING DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com