Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G18G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G18G-AG6-R
Description  1-OF-2 NON-INVERTING DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G18G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G18G-AG6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G18G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74LVC1G18
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-559.B
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
High
VOH
IOH=-100μA, VCC=1.65V ~ 5.5V
VCC -0.1
V
IOH=-4mA, VCC=1.65V
1.2
IOH=-8mA, VCC=2.3V
1.9
IOH=-16mA, VCC=3V
2.4
IOH=-24mA, VCC=3V
2.3
IOH=-32mA, VCC=4.5V
3.8
Low
VOL
IOL=100μA, VCC=1.65V ~ 5.5V
0.1
V
IOL=4mA, VCC=1.65V
0.45
IOL=8mA, VCC=2.3V
0.3
IOL=16mA, VCC=3V
0.4
IOL=24mA, VCC=3V
0.55
IOL=32mA, VCC=4.5V
0.55
Input Leakage Current
(A or S inputs)
II(LEAK)
VIN = 5.5V or GND,
VCC = 0 ~ 5.5V
±5
μA
OFF-state Current
IOFF
VIN or VO = 5.5V, VCC = 0V
±10
μA
High-impedance state Current
IOZ
VO = 0 to 5.5V, VCC = 3.6V
10
μA
Quiescent Supply Current
ICC
VIN = 5.5V or GND, IOUT = 0, VCC =
1.65V to 5.5V
10
μA
Additional quiescent Supply
Current
ICC
One input at VCC – 0.6V;
other inputs at VCC or GND;
VCC=3V ~ 5.5V
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=3.3V
4
pF
Output Capacitance
COUT
VOUT = VCC or GND, VCC=3.3V
6
pF
SWITCHING CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation delay
from input A to output Y
tPLH
tPHL
(tpd)
VCC=1.8±0.15V, CL=15pF, RL=1MΩ
2.3
8.4
ns
VCC=2.5±0.20V, CL=15pF, RL=1MΩ
1.1
4.2
VCC=3.3±0.30V, CL=15pF, RL=1MΩ
1.1
3.4
VCC=5.0±0.50V, CL=15pF, RL=1MΩ
0.8
2.7
Propagation delay
from input A to output Y
tPLH
tPHL
(tpd)
VCC=1.8±0.15V, CL=30pF, RL=1KΩ
3.5
9.3
VCC=2.5±0.20V, CL=30pF, RL=500Ω
1.7
5
VCC=3.3±0.30V, CL=50pF, RL=500Ω
1.5
4.2
VCC=5.0±0.50V, CL=50pF, RL=500Ω
0.7
3.2
Propagation delay
from input S to output Y
tPZL
tPZH
(ten)
VCC=1.8±0.15V, CL=30pF, RL=1KΩ
3.6
10.2
ns
VCC=2.5±0.20V, CL=30pF, RL=500Ω
1.7
5.6
VCC=3.3±0.30V, CL=50pF, RL=500Ω
1.5
4.6
VCC=5.0±0.50V, CL=50pF, RL=500Ω
0.9
3.4
Propagation delay
from input S to output Y
tPLZ
tPHZ
(tdis)
VCC=1.8±0.15V, CL=30pF, RL=1KΩ
1.9
12.7
ns
VCC=2.5±0.20V, CL=30pF, RL=500Ω
1
5.3
VCC=3.3±0.30V, CL=50pF, RL=500Ω
1.1
4.9
VCC=5.0±0.50V, CL=50pF, RL=500Ω
0.5
3.3
OPERATING CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
Cpd
VCC = 1.8V, f=10MHz
17
pF
VCC = 2.5V, f=10MHz
17
VCC = 3.3V, f=10MHz
18
VCC = 5.0V, f=10MHz
21



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com