Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL321EB Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL321EB
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321EB Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL321EB Datasheet HTML 8Page - Analog Devices ADXL321EB Datasheet HTML 9Page - Analog Devices ADXL321EB Datasheet HTML 10Page - Analog Devices ADXL321EB Datasheet HTML 11Page - Analog Devices ADXL321EB Datasheet HTML 12Page - Analog Devices ADXL321EB Datasheet HTML 13Page - Analog Devices ADXL321EB Datasheet HTML 14Page - Analog Devices ADXL321EB Datasheet HTML 15Page - Analog Devices ADXL321EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADXL321
Rev. 0 | Page 13 of 16
Peak-to-peak noise values give the best estimate of the
uncertainty in a single measurement. Table 7 gives the typical
noise output of the ADXL321 for various CX and CY values.
Table 7. Filter Capacitor Selection (CX, CY)
Bandwidth
(Hz)
CX, CY
(µF)
RMS Noise
(mg)
Peak-to-Peak
Noise Estimate
(mg)
10
0.47
1.3
7.8
50
0.1
2.9
17.4
100
0.047
4
24
500
0.01
9.1
54.6
USE WITH OPERATING VOLTAGES OTHER THAN 3 V
The ADXL321 is tested and specified at VS = 3 V; however, it can
be powered with VS as low as 2.4 V or as high as 6 V. Note that
some performance parameters change as the supply voltage is
varied.
The ADXL321 output is ratiometric, so the sensitivity (or scale
factor) varies proportionally to supply voltage. At VS = 5 V, the
sensitivity is typically 100 mV/g. At VS = 2.4 V, the sensitivity is
typically 45 mV/g.
The zero g bias output is also ratiometric, so the zero g output is
nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts;
therefore, the noise density decreases as the supply voltage
increases. This is because the scale factor (mV/g) increases
while the noise voltage remains constant. At VS = 5 V, the noise
density is typically 190 µg/√Hz, while at VS = 2.4 V, the noise
density is typically 400 µg/√Hz,
Self-test response in g is roughly proportional to the square of
the supply voltage. However, when ratiometricity of sensitivity is
factored in with supply voltage, the self-test response in volts is
roughly proportional to the cube of the supply voltage. For
example, at VS = 5 V, the self-test response for the ADXL321 is
approximately 80 mV. At VS = 2.4 V, the self-test response is
approximately 8 mV.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VS = 5 V is 750 µA, and typical
current consumption at VS = 2.4 V is 350 µA.
USE AS A DUAL-AXIS TILT SENSOR
An accelerometer is most sensitive to tilt when its sensitive axis
is perpendicular to the force of gravity (that is, when it is
parallel to the earth’s surface). At this orientation, its sensitivity
to changes in tilt is highest. When the accelerometer is oriented
on axis to gravity (near its +1 g or −1 g reading), the change in
output acceleration per degree of tilt is negligible. When the
accelerometer is perpendicular to gravity, its output changes
nearly 17.5 mg per degree of tilt. At 45°, its output changes at
only 12.2 mg per degree of tilt, and resolution declines.
Converting Acceleration to Tilt
When the accelerometer is oriented so both its X-axis and
Y-axis are parallel to the earth’s surface, it can be used as a 2-axis
tilt sensor with both a roll axis and pitch axis. Once the output
signal from the accelerometer has been converted to an
acceleration that varies between −1 g and +1 g, the output tilt in
degrees is calculated as
PITCH = arcsine(AX/1 g)
ROLL = arcsine(AY/1 g)
Be sure to account for overranges. It is possible for the
accelerometers to output a signal greater than ±1 g due to
vibration, shock, or other accelerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com