Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCASE2U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCASE2U
Description  2U ABS Server Rack Equipment Shipping Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCASE2U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCASE2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCASE2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
2U ABS Server Rack Equipment Shipping Case
MODEL NUMBER: SRCASE2U
2U flight case lets you safely carry sensitive rack-mount equipment to trade shows, aboard airplanes or
between facilities.
Features
2U Rack Flight Case Lets You Safely Transport Rack-Mount Equipment
This SmartRack® 2U flight case houses EIA-standard 19-inch rack equipment while it’s being moved from
one location to another. Constructed from heavy-duty ABS, the SRCASE2U features four stationary
mounting rails that support up to 2U of servers, switches, patch panels, UPS systems and other rack
components up to 20.5 inches deep. Maximum load capacity is 50 pounds. The case is ideal for carrying
sensitive rack equipment to trade shows or other facilities without fear of damage.
Protects Sensitive Devices against Moisture, Debris, Bumps and Jolts
This 2U ABS rack case comes fully assembled with a built-in handle on each side for convenient carrying.
Once the device is mounted inside using the included hardware, both the front and rear covers with rubber
gaskets are latched securely to keep out moisture, dust and other damaging elements. A zippered pouch
inside one cover stores extra hardware or other accessories. The SRCASE2U stacks securely with other
identical cases.
Highlights
Fully assembled 2U ABS rack
case for transporting equipment
between facilities
q
Stationary mounting rails allow
secure installation using
included hardware
q
Latching front and rear covers
designed to keep out moisture,
dust and debris
q
Interior zippered pouch allows
storage of extra hardware and
other accessories
q
Mounts 2U of EIA-standard 19
in. rack equipment up to 20.5 in.
deep and 50 lb.
q
Applications
Safely transport 2U of rack-
mount equipment to a trade
show or a different facility
q
Carry rack-mount DJ equipment,
amplifiers and other professional
audio gear to music venues
q
Package Includes
SRCASE2U 2U ABS Server
Rack Equipment Flight Case
q
(8) M5 screws
q
(8) M5 cup washers
q
OVERVIEW
UPC Code
037332225474
PHYSICAL
Rack Height
2U
1 / 2


Similar Part No. - SRCASE2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
10U ABS Server Rack Equipment Shipping Case
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
More results

Similar Description - SRCASE2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
2U Rack-Optimized Server Platform for HPC
EFRP-2300 ETC2-EFRP-2300 Datasheet
373Kb / 3P
2U 300W Server Power Supply
EFRP-G2400 ETC2-EFRP-G2400 Datasheet
438Kb / 2P
2U 400W Server Power Supply
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
2U 12-bay Storage Server
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
10U ABS Server Rack Equipment Shipping Case
logo
Adlink Technology Inc.
MECS-7210 ADLINK-MECS-7210 Datasheet
433Kb / 2P
2U 19 Edge Server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com