Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCASE4U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCASE4U
Description  4U ABS Server Rack Equipment Shipping Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCASE4U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCASE4U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCASE4U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
4U ABS Server Rack Equipment Shipping Case
MODEL NUMBER: SRCASE4U
4U server case lets you safely transport sensitive rack-mount equipment to trade shows, aboard airplanes
or between facilities.
Features
4U Server Rack Case Lets You Safely Transport Rack-Mount Equipment
This SmartRack® 4U server case houses EIA-standard 19-inch rack equipment while it’s being moved
from one location to another. Constructed from heavy-duty ABS, the SRCASE4U features four stationary
mounting rails that support up to 4U of servers, switches, patch panels, UPS systems and other rack
components up to 20.5 inches deep. Maximum load capacity is 75 pounds. The case is ideal for
transporting sensitive rack equipment to trade shows or other facilities without fear of damage.
Protects Sensitive Devices against Moisture, Debris, Bumps and Jolts
This server rack case comes fully assembled with a built-in handle on each side for convenient
transportation. Once the device is mounted inside using the included hardware, both the front and rear
covers with rubber gaskets are latched securely to keep out moisture, dust and other damaging elements.
A zippered pouch inside one cover stores extra hardware or other accessories. The SRCASE4U stacks
securely with other identical cases.
Highlights
Fully assembled 4U ABS rack
case for transporting equipment
between facilities
q
Stationary mounting rails allow
secure installation using
included hardware
q
Latching front and rear covers
designed to keep out moisture,
dust and debris
q
Interior zippered pouch allows
storage of extra hardware and
other accessories
q
Mounts 4U of EIA-standard 19
in. rack equipment up to 20.5 in.
deep and 75 lb.
q
Applications
Safely transport 4U of rack-
mount equipment to a trade
show or a different facility
q
Carry rack-mount DJ equipment,
amplifiers and other professional
audio gear to music venues
q
Package Includes
SRCASE4U 4U ABS Server
Rack Equipment Flight Case
q
(8) M5 screws
q
(8) M5 cup washers
q
OVERVIEW
UPC Code
037332236722
PHYSICAL
Rack Height
4U
1 / 2


Similar Part No. - SRCASE4U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
10U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
2U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
More results

Similar Description - SRCASE4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
Bud Industries, Inc.
CSR-8060 BUD-CSR-8060 Datasheet
59Kb / 1P
COMPUTER SERVER RACK
SRP-8131 BUD-SRP-8131 Datasheet
128Kb / 1P
SERVER RACK PROFESSIONAL SERIES
logo
Tripp Lite. All Rights ...
SRWF4U36 TRIPPLITE-SRWF4U36 Datasheet
512Kb / 3P
SmartRack 4U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
2U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
10U ABS Server Rack Equipment Shipping Case
logo
Adlink Technology Inc.
TRL-40 ADLINK-TRL-40 Datasheet
285Kb / 1P
4U Server-Grade System
logo
Kendall Howard
1922-3-100-04 KENDALLHOWARD-1922-3-100-04 Datasheet
59Kb / 1P
4U RACK MOUNTABLE DRAWER
1924-3-001-04 KENDALLHOWARD-1924-3-001-04 Datasheet
150Kb / 1P
4U ADJUSTABLE RACK STANDOFF DATA SHEET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com