Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCASE10U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCASE10U
Description  10U ABS Server Rack Equipment Shipping Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCASE10U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCASE10U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCASE10U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
10U ABS Server Rack Equipment Shipping Case
MODEL NUMBER: SRCASE10U
10U flight case lets you safely transport sensitive rack-mount equipment to trade shows, aboard airplanes
or between facilities.
Features
10U Road Case Lets You Safely Transport Rack-Mount Equipment
This SmartRack® 10U flight case houses EIA-standard 19-inch rack equipment while it’s being moved
from one location to another. Constructed from heavy-duty ABS, the SRCASE10U features four stationary
mounting rails that support up to 10U of servers, switches, patch panels, UPS systems and other rack
components up to 20.5 inches deep. Maximum load capacity is 150 pounds. The case is ideal for
transporting sensitive rack equipment to trade shows or other facilities without fear of damage.
Protects Sensitive Devices against Moisture, Debris, Bumps and Jolts
This case comes fully assembled with a built-in handle on each side for convenient transportation. Once
the device is mounted inside using the included hardware, both the front and rear covers with rubber
gaskets are latched securely to keep out moisture, dust and other hazardous elements. A zippered pouch
inside one cover stores extra hardware or other accessories. The SRCASE10U stacks securely with other
identical cases.
Highlights
Fully assembled 10U ABS rack
case for transporting equipment
between facilities
q
Stationary mounting rails allow
secure installation using
included hardware
q
Latching front and rear covers
designed to keep out moisture,
dust and debris
q
Interior zippered pouch allows
storage of extra hardware and
other accessories
q
Mounts 10U of EIA-standard 19
in. rack equipment up to 20.5 in.
deep and 150 lb.
q
Applications
Safely transport 10U of rack-
mount equipment to a trade
show or a different facility
q
Carry rack-mount DJ equipment,
amplifiers and other professional
audio gear to music venues
q
Package Includes
SRCASE10U 10U ABS Server
Rack Equipment Flight Case
q
(32) M5 screws
q
(32) M5 cup washers
q
OVERVIEW
UPC Code
037332236708
PHYSICAL
Rack Height
10U
1 / 2


Similar Part No. - SRCASE10U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
2U ABS Server Rack Equipment Shipping Case
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
More results

Similar Description - SRCASE10U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
Tripp Lite. All Rights ...
SRW10US TRIPPLITE-SRW10US Datasheet
509Kb / 3P
SmartRack 10U Vertical Wall-Mount Standard-Depth Rack Enclosure Cabinet
logo
Bud Industries, Inc.
CSR-8060 BUD-CSR-8060 Datasheet
59Kb / 1P
COMPUTER SERVER RACK
SRP-8131 BUD-SRP-8131 Datasheet
128Kb / 1P
SERVER RACK PROFESSIONAL SERIES
logo
NEC
R120B-1 NEC-R120B-1 Datasheet
519Kb / 2P
The ultra slim rack server
R120F-1M NEC-R120F-1M Datasheet
651Kb / 2P
The high-density rack server
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
The scalable compact rack server
logo
Tripp Lite. All Rights ...
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
2U ABS Server Rack Equipment Shipping Case
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
6U ABS Server Rack Equipment Shipping Case
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com