Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4115 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC4115
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC4115 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC4115 Datasheet HTML 1Page - Continental Device India Limited CSC4115 Datasheet HTML 2Page - Continental Device India Limited CSC4115 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CSC4115
(9AW)
TO-92
BCE
MARKING : CSC
4115
BC
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
40
V
Collector Emitter Voltage
BVCEO
20
V
Emitter Base Voltage
BVEBO
6.0
V
Collector Current
IC
2.0
A
Collector Current Peak
ICP*
5.0
A
Collector Power Dissipation
PC
0.4
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
*Single Pulse Pw=10ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
BVCBO
IC=50uA, IE=0
40
-
-
V
Collector Emitter Voltage
BVCEO
IC=1mA, IB=0
20
-
-
V
Emitter Base Voltage
BVEBO
IE=50uA, IC=0
6.0
-
-
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
-
-
0.1
uA
ICEO
VCE=20V, IB=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=2V, IC=0.1A
120
-
560
Collector Emitter Saturation Voltage
VCE(Sat)
IC=2A, IB=0.1A
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=2V, IC=0.5A,
-
150
-
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
25
-
pF
f=1MHz
Hfe Classifications
A 120-270;
B 180-390;
C 270-560;
"For BC" 180- 560
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSC4115

ManufacturerPart #DatasheetDescription
logo
VITROHM
CSC402 VITROHM-CSC402 Datasheet
693Kb / 3P
SMD Power Shunt Resistor
Revision: 202010
logo
Continental Device Indi...
CSC4212 CDIL-CSC4212 Datasheet
267Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
List of Unclassifed Man...
CSC4213 ETC-CSC4213 Datasheet
66Kb / 2P
CSC4213
logo
Continental Device Indi...
CSC4217 CDIL-CSC4217 Datasheet
56Kb / 3P
TO-126 (SOT-32) Plastic Package
CSC458 CDIL-CSC458 Datasheet
164Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSC4115

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com