Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1M Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # MB1M
Description  0.5A Surface Mount Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB1M Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  MB1M Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB1M Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB1M Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Trustworthy electronic circuit protection expert
MB1M~MB10M
www.yint.com.cn
Rev:19.3
3
ACKAGE OUTLINE DIMENSIONS
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
DIM
MIN
MAX
DIM
MIN
MAX
A
3.65
(0.144)
4.10
(0.161)
G
2.30
(0.091)
2.70
(0.106)
B
4.95
(0.195)
5.21
(0.205)
H
2.54
(0.100)
-
C
0
10°
J
0 43
(0 017)
0 74
(0 029)
D
0.15
(0.006)
0.41
(0.016)
K
2.41
(0.095)
2.67
(0.105)
E
4.50
(0.177)
4.95
(0.195)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com