Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC3545ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3545ID
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC3545ID Datasheet HTML 9Page - Texas Instruments TLC3545ID Datasheet HTML 10Page - Texas Instruments TLC3545ID Datasheet HTML 11Page - Texas Instruments TLC3545ID Datasheet HTML 12Page - Texas Instruments TLC3545ID Datasheet HTML 13Page - Texas Instruments TLC3545ID Datasheet HTML 14Page - Texas Instruments TLC3545ID Datasheet HTML 15Page - Texas Instruments TLC3545ID Datasheet HTML 16Page - Texas Instruments TLC3545ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
13
www.ti.com
PRINCIPLES OF OPERATION
control via pin 1 (CS, DSP interface)
All devices are compatible with this mode of operation. The FS signal from a DSP is connected directly to the
CS input of the ADC. A falling edge on the CS input while SCLK is high or low initiates the cycle. (For TLC3541
in this configuration, the FS input is tied to VDD.) Enough time should be allowed before the next rising CS edge
so that the conversion cycle is not terminated prematurely.
1
2
3
5
4
6
7
13
14
15
16
1
12
ts
tconv
t(PWRDWN)
SDO Data Is the Result of the Previous Sample
For TLC35xx, the LSB Is Presented on the Rising SCLK 14th Edge
MSB
MSB−1
MSB−2 MSB−3 MSB−4 MSB−5 MSB−6
LSB+2
LSB+1
LSB
LSB−1
LSB−2
SCLK
CS
SDO
MSB
MSB−1
The CS Input Signal Is
Generated by the FS Output
From a TMS320 DSP
24
Figure 16. DSP Cycle Timing Using the CS Input (FS = 1 for TLC3541 only)
control via pin 1 and pin 7 (CS and FS or FS only, DSP interface)
Only TLC3541 is compatible with this mode of operation. The CS input to the ADC can be controlled via a
general-purpose I/O pin from the DSP or tied to ground. The FS signal from the DSP is connected directly to
the FS input of the ADC. A rising FS edge releases the MSB to the SDO output. The falling edge on the FS input
while SCLK is high or low initiates the cycle. The CS input should remain low for the entire sampling time plus
4 SCLK decoding time after falling FS (24 falling SCLK edges) and can then be released at any time during the
remainder of the conversion cycle. The optimum DSP interface is achieved when tying CS to ground and using
only the FS input to control the ADC.
tconv
t(PWRDWN)
SDO Data Is the Result of the Previous Sample
For TLC35xx, the LSB Is Presented on the Rising SCLK 14th Edge
1
2
3
5
4
6
14
15
16
1
2
34
ts
MSB
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5 LSB+1
LSB
LSB−1 LSB−2
MSB
MSB−1 MSB−2 MSB−3
The MSB Is Presented on the SDO Output After
a Rising Edge on the FS Input.
17
24
The Device Will Go Into the Power Down State After the Conversion Is
Complete. A Falling CS Edge or Rising FS Edge, Whichever Occurs First,
Removes the Device From Power Down.
SCLK
CS
SDO
FS
Figure 17. DSP Cycle Timing Using FS Only (or Using Both CS and FS for TLC3541)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com