Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM224AD
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM224AD Datasheet HTML 5Page - STMicroelectronics LM224AD Datasheet HTML 6Page - STMicroelectronics LM224AD Datasheet HTML 7Page - STMicroelectronics LM224AD Datasheet HTML 8Page - STMicroelectronics LM224AD Datasheet HTML 9Page - STMicroelectronics LM224AD Datasheet HTML 10Page - STMicroelectronics LM224AD Datasheet HTML 11Page - STMicroelectronics LM224AD Datasheet HTML 12Page - STMicroelectronics LM224AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Single - Supply Applications
LM224A-LM324A
9/16
4
Typical Single - Supply Applications
Figure 14: AC coupled interting amplifier
Figure 15: AC coupled non inverting amplifier
Figure 16: Non-inverting DC gain
Figure 17: High input Z adjustable gain DC
instrumentation amplifier
Figure 18: DC summing amplifier
if R1 = R5 and R3 = R4 = R6 = R7
e0 =
(e2 -e1)
As shown e0 = 101 (e2 - e1).
1
2R
1
R
2
-----------
+
e0 = e1 +e2 -e3 -e4
Where (e1 +e2) ≥ (e3 +e4)
to keep e0 ≥ 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com