Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224APT Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM224APT
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224APT Datasheet(HTML) 4 Page - STMicroelectronics

  LM224APT Datasheet HTML 1Page - STMicroelectronics LM224APT Datasheet HTML 2Page - STMicroelectronics LM224APT Datasheet HTML 3Page - STMicroelectronics LM224APT Datasheet HTML 4Page - STMicroelectronics LM224APT Datasheet HTML 5Page - STMicroelectronics LM224APT Datasheet HTML 6Page - STMicroelectronics LM224APT Datasheet HTML 7Page - STMicroelectronics LM224APT Datasheet HTML 8Page - STMicroelectronics LM224APT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM224A-LM324A
Electrical Characteristics
4/16
3
Electrical Characteristics
Table 2: VCC
+ = +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage - note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
23
5
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
220
40
nA
Iib
Input Bias Current - note 2
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
100
200
nA
Avd
Large Signal Voltage Gain
VCC
+ = +15V, R
L = 2kΩ, Vo = 1.4V to 11.4V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
VCC
+ = 5V to 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
65
65
110
dB
ICC
Supply Current, all Amp, no load
Tamb = +25°C VCC = +5V
VCC = +30V
Tmin ≤ Tamb ≤ Tmax VCC = +5V
VCC = +30V
0.7
1.5
0.8
1.5
1.2
3
1.2
3
mA
Vicm
Input Common Mode Voltage Range
VCC = +30V - note
3
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC -
1.5
VCC -2
V
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
70
60
80
dB
Isource
Output Current Source (Vid = +1V)
VCC = +15V, Vo = +2V
20
40
70
mA
Isink
Output Sink Current (Vid = -1V)
VCC = +15V, Vo = +2V
VCC = +15V, Vo = +0.2V
10
12
20
50
mA
µA
VOH
High Level Output Voltage
VCC = +30V
Tamb = +25°C
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25°C
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
VCC = +5V, RL = 2kΩ
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
3.5
3
27
28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com