Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324ADT Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM324ADT
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324ADT Datasheet(HTML) 2 Page - STMicroelectronics

  LM324ADT Datasheet HTML 1Page - STMicroelectronics LM324ADT Datasheet HTML 2Page - STMicroelectronics LM324ADT Datasheet HTML 3Page - STMicroelectronics LM324ADT Datasheet HTML 4Page - STMicroelectronics LM324ADT Datasheet HTML 5Page - STMicroelectronics LM324ADT Datasheet HTML 6Page - STMicroelectronics LM324ADT Datasheet HTML 7Page - STMicroelectronics LM324ADT Datasheet HTML 8Page - STMicroelectronics LM324ADT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM224A-LM324A
Pin & Schematic Diagram
2/16
1 Pin & Schematic Diagram
Figure 1: Pin connections (top view)
Figure 2: Schematic diagram (1/4 LM124A)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com