Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1622158 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1622158
Description  Fuse plug - PV-C-M/F-PRO/F-1000/25-EU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622158 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1622158 Datasheet HTML 1Page - PHOENIX CONTACT 1622158 Datasheet HTML 2Page - PHOENIX CONTACT 1622158 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1622158
03/19/2019   Page 1 / 3
Fuse plug - PV-C-M/F-PRO/F-1000/25-EU - 1622158
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Fuse connector for protecting modules and devices in photovoltaic systems, black, SUNCLIX pin connector
pattern, 1000 V/25 A, IP68 (24 h/2 m)
SUNCLIX fuse connector, in the
version for 1000 V system voltage
Product Description
SUNCLIX fuse connector, for 1000 V system voltage, fuse-link nominal current of 25 A, EU version
Your advantages
 One-piece design
 Robust, easy-to-install fuse element for outdoor use
 High-quality fuse-link
 Degree of protection: IP68 (24 h/2 m)
 
 1000 V (EN)
Key Commercial Data
Packing unit
8 pc
Minimum order quantity
8 pc
GTIN
GTIN
4055626130705
Technical data
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Ambient temperature (operation)
-40 °C ... 50 °C
General
Rated voltage
1000 V
Fuse-link nominal current
25 A DC (Nominal current of the fuse-link)
Fuse adapter nominal current
25 A DC


Similar Part No. - 1622158

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622154 PHOENIX-1622154 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/10-EU
1622155 PHOENIX-1622155 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/12-EU
1622156 PHOENIX-1622156 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/15-EU
1622157 PHOENIX-1622157 Datasheet
70Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/20-EU
1622159 PHOENIX-1622159 Datasheet
71Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/30-EU
More results

Similar Description - 1622158

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
PHOENIX CONTACT
1622154 PHOENIX-1622154 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/10-EU
1622155 PHOENIX-1622155 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/12-EU
1622156 PHOENIX-1622156 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1000/15-EU
1622157 PHOENIX-1622157 Datasheet
70Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/20-EU
1622159 PHOENIX-1622159 Datasheet
71Kb / 3P
Fuse plug - PV-C-M/F-PRO/F-1000/30-EU
1623411 PHOENIX-1623411 Datasheet
66Kb / 2P
Fuse plug - PV-C-M/F-PRO/F-1500/20-EU-SPR
1220811 PHOENIX-1220811 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1500/9 - Fuse plug
1220821 PHOENIX-1220821 Datasheet
176Kb / 4P
PV-PRO/OE-200/F-1500/5 - Fuse plug
1220873 PHOENIX-1220873 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1000/14 - Fuse plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com