Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5262-RF Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC5262-RF
Description  REMOTE CONTROL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262-RF Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC5262-RF Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
0
3
6
9
12
15
1
10
100
Supply Voltage (V)
Encoder OSC Frequency
0
3
6
9
12
15
1
10
1000
Supply Voltage (V)
Decoder OSC Frequency
100
R=510k
R=1M
R=3.3M
R=4.7M
R=100k
R=240k
R=510k
R=1M
R=2M
R=2M
Suggested Oscillator resistor values are shown below:
4.7M
820k
3.3M
1.2M
680k
200k
SC5262
SC5272
2. IR OPERATION
In the IR Type of operation, the functions are similar to the above descriptions except for the output waveform
that has a carrier frequency of 38kHz. Details are as follow.
Code Bits
The Code Bits are further modulated with a 38kHz carrier frequency and can be”0”,”1” or “ f ” bit. Their waveform
are shown below:
OSC
"0"
"1"
"f"
Sync
160
λ
20
λ
60
λ
Note:
λ=2 clock lengths
620
λ
Code Word
A Code Word is made up of code bits and the format is the same as that of the RF Code Word.
Code Frame
Likewise, a Code Frame is made up of Code Words and the format is the same as that of RF type of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com