Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4008ZGS Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KA-4008ZGS
Description  4.0x0.8mm RIGHT ANGLE SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KA-4008ZGS Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KA-4008ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-4008ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-4008ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-4008ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-4008ZGS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KA-4008ZGS Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAI2368
REV NO: V.6B
ATE: JUN/21/2016
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: L.T.Zhang
ERP: 1201002822
4.0x0.8mm RIGHT ANGLE SMD LED
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: KA-4008ZGS
Green
Descriptions
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.
Features
4.0x1.4x0.8mm right angle SMD LED, 0.8mm thickness.
Low power consumption.
Ideal for backlight and indicator.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - KA-4008ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KA-4008ZGS KINGBRIGHT-KA-4008ZGS Datasheet
3Mb / 19P
Optoelectronic Components
KA-4008ZGS-E KINGBRIGHT-KA-4008ZGS-E Datasheet
3Mb / 19P
Optoelectronic Components
KA-4008ZGS-G KINGBRIGHT-KA-4008ZGS-G Datasheet
3Mb / 19P
Optoelectronic Components
More results

Similar Description - KA-4008ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBDA3020CGKSYKC KINGBRIGHT-APBDA3020CGKSYKC Datasheet
345Kb / 6P
3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020PBACGKC KINGBRIGHT-APBDA3020PBACGKC Datasheet
350Kb / 6P
3.0x2.0mm RIGHT ANGLE SMD LED
APBDA3020SURKCGKC KINGBRIGHT-APBDA3020SURKCGKC Datasheet
359Kb / 6P
3.0x2.0mm RIGHT ANGLE SMD LED
APJKA4008RWC-A KINGBRIGHT-APJKA4008RWC-A Datasheet
298Kb / 7P
4.0X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APBDA3020ESGC KINGBRIGHT-APBDA3020ESGC Datasheet
226Kb / 6P
3.0x2.0mm RIGHT ANGLE SMD LED
APJKA4008RWC KINGBRIGHT-APJKA4008RWC_07 Datasheet
287Kb / 7P
4.0X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APBDA3020SURKCGKC-GX KINGBRIGHT-APBDA3020SURKCGKC-GX Datasheet
268Kb / 6P
3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020LZGCK KINGBRIGHT-APDA3020LZGCK Datasheet
244Kb / 5P
3.0x2.0mm RIGHT ANGLE SMD LED
APDA3020SECK-J3-PF KINGBRIGHT-APDA3020SECK-J3-PF Datasheet
308Kb / 5P
3.0x2.0mm RIGHT ANGLE SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
KA-4008VBS-D TO-GRACE-KA-4008VBS-D Datasheet
896Kb / 4P
4.0x0.8mm RIGHT ANGLE SMD LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com