Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2018 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMD2018
Description  POLYMER RESETTABLE FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMD2018 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMD2018 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMD2018 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMD2018 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POLYMER RESETTABLE FUSE
Trustworthy electronic circuit protection expert
SMD2018 Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics
Model
Vmax(Vdc)
Imax(A)
Ihold
@25℃
(A)
Itrip @
25℃
(A)
Pd
Max
(W)
Max Time
to trip
Resistance
Current
(A)
Time
(Sec)
R1min
(Ω)
R1max
(Ω)
SMD2018-030
60.0
100
0.30
0.60
0.9
1.5
3.0
0.50
2.30
SMD2018-050
60.0
100
0.55
1.20
1.0
2.5
3.0
0.20
1.00
SMD2018-100
15.0
100
1.10
2.2
1.1
8.0
0.4
0.06
0.36
SMD2018-100-33V
33.0
100
1.10
2.2
1.1
8.0
0.4
0.06
0.36
SMD2018-150
15.0
100
1.50
3.0
1.1
8.0
0.8
0.05
0.17
SMD2018-200
10.0
100
2.00
4.0
1.1
8.0
2.4
0.03
0.10
Thermal Derating
model
Operating temperature(℃) /hold current (A)
-40℃
-20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
SMD2018-030
0.48
0.42
0.35
0.30
0.24
0.21
0.17
0.15
0.10
SMD2018-050
0.87
0.77
0.67
0.55
0.46
0.41
0.36
0.31
0.23
SMD2018-100
1.71
1.52
1.32
1.10
0.94
0.84
0.74
0.64
0.50
SMD2018-100-33V
1.71
1.52
1.32
1.10
0.94
0.84
0.74
0.64
0.50
SMD2018-150
2.38
2.10
1.82
1.50
1.27
1.13
0.99
0.85
0.64
SMD2018-200
2.95
2.65
2.35
2.00
1.74
1.59
1.44
1.29
1.06
IH/T-chart



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com