Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS115 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SS115
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SS115 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SS115 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SS115 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SS115 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SS115 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
SS12 thru SS120
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified
Parameter
SYMBOL
SS12
SS13
SS14
SS15
SS16
SS18
SS110 SS115 SS120
Unit
Max. instantaneous froward
VF
V
Voltage at(IF=0.1A,TJ=25℃)
-
0.35
-
-
-
-
-
(IF=0.7A,TJ=25℃)
-
0.45
-
-
-
-
-
(IF=1A,TJ=25℃)
0.5
0.50
0.55
0.7
0.85
0.90
0.92
Max. DC reverse current at rated
IR
mA
DC blocking voltage TA=25℃
0.5
DC blocking voltage Tj=125℃
10
Typical junction capacitance at
4.0V,1MHz
Cj
160
PF
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com