Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD9814 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD9814
Description  3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9814 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD9814 Datasheet HTML 3Page - Exar Corporation XRD9814 Datasheet HTML 4Page - Exar Corporation XRD9814 Datasheet HTML 5Page - Exar Corporation XRD9814 Datasheet HTML 6Page - Exar Corporation XRD9814 Datasheet HTML 7Page - Exar Corporation XRD9814 Datasheet HTML 8Page - Exar Corporation XRD9814 Datasheet HTML 9Page - Exar Corporation XRD9814 Datasheet HTML 10Page - Exar Corporation XRD9814 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
XRD9814/9816
7
Rev. 1.00
ELECTRICAL CHARACTERISTICS
AV
DD=DVDD=5.0V, ADCCLK=6MHz, Input Range = 2V, Ta=25
oC unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
A/D CONVERTER
Resolution
R
14
BITS
XRD9814
Resolution
R
16
BITS
XRD9816
Maximum Conversion Rate
Fc
6
8
MSPS
Differential Non-Linearity
DNL
+/-0.8
LSB
XRD9814
Differential Non-Linearity
DNL
-0.95/+1.2
LSB
XRD9816
Monotonicity
M
Yes
XRD9814
Monotonicity
M
Yes
XRD9816
Input Referred Offset
ZSE
40
mV
Offset Drift
ZSD
15
uV/oC
Input Referred Gain Error
FSE
+/- 2
% FS
Gain Error Drift
FSD
0.003
% FS oC
Input Voltage Range
2V Full-Scale Range
IVR
0
2.0
V
PB5=0, Config Reg #1
3V Full-Scale Range
IVR
0
3.0
V
PB5=1, Config Reg #1
CDS - S/H SPECIFICATIONS
Input Voltage Range
Input Buffer Disabled
INVSR
AGND
AVDD
V
Pixel Clamp,
(Note 1)
PB1=0, Config Reg #1
Input Buffer Enabled
INVSRB
0.5
AVDD-1
V
Line Clamp,
PB1=1, Config Reg #1
Input Bias Current
Input Buffer Disabled
IB
25
uA
Gain=1,
(Note 2)
PB1=0, Config Reg #1
Input Buffer Enabled
IBB
25
nA
T
A=70
o C,
PB1=1, Config Reg #1
Input Switch On -Resistance
Ron
150
250
Ω
Clamp Enabled
Input Switch Off -Resistance
Roff
100
1000
M
Ω
Clamp Disabled
Internal Voltage Clamp
CCD Input (Inverting)
Vclamp
4.0
4.2
4.4
V
PB2=0, Config Reg #1
S/H Input (Non-Inverting)
Vclamp
0.6
0.8
1.0
V
PB2=1, Config Reg #1
Note 1: ADC digitizing range = (A/D Full-Scale Range/PGA Gain)
Note 2: Due to switch capacitor input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com