Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBA06 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMBA06
Description  NPN Multi-Chip General Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBA06 Datasheet(HTML) 4 Page - ON Semiconductor

  FMBA06 Datasheet HTML 1Page - ON Semiconductor FMBA06 Datasheet HTML 2Page - ON Semiconductor FMBA06 Datasheet HTML 3Page - ON Semiconductor FMBA06 Datasheet HTML 4Page - ON Semiconductor FMBA06 Datasheet HTML 5Page - ON Semiconductor FMBA06 Datasheet HTML 6Page - ON Semiconductor FMBA06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Collector Saturation Region
4000
10000
20000
30000
50000
0
0.5
1
1.5
2
I - BASE CURRENT (uA)
B
10 mA
100 mA
1 mA
T
= 25°C
I
=
C
A
Collector-Emitter Breakdown
Voltage with Resistance
Between Emitter-Base
0.1
1
10
100
1000
111
112
113
114
115
116
117
RESISTANCE (k )
Ω
Input and Output Capacitance
vs Reverse Voltage
0.1
1
10
100
0.1
1
10
100
V
- COLLECTOR VOLTAGE (V)
C
f = 1.0 MHz
CE
C
ob
ib
Base-Emitt er Saturation
Voltage vs Collect or Current
0.1
1
10
100
1000
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
25 °C
125 °C
Base Emitter ON Voltage vs
Collect or Current
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
- 40 °C
25 °C
125 °C
Collect or-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
0.001
0.01
0.1
1
10
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 80 V
CB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com