Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBM5401 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMBM5401
Description  PNP General-Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBM5401 Datasheet(HTML) 2 Page - ON Semiconductor

  FMBM5401 Datasheet HTML 1Page - ON Semiconductor FMBM5401 Datasheet HTML 2Page - ON Semiconductor FMBM5401 Datasheet HTML 3Page - ON Semiconductor FMBM5401 Datasheet HTML 4Page - ON Semiconductor FMBM5401 Datasheet HTML 5Page - ON Semiconductor FMBM5401 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.onsemi.com
2
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: Pulse width
≤ 300 ms, duty cycle ≤ 2%
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage(4) IC = -1.0 mA, IB = 0
-150
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100 μA, IE = 0
-160
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICBO
Collector Cut-Off Current
VCB = -120 V, IE = 0
-50
nA
VCB = -120 V, IE = 0, TA = 100°C
-50
μA
IEBO
Emitter Cut-Off Current
VEB = -3.0 V, IC = 0
-50
nA
hFE1
DC Current Gain(4)
VCE = -5 V, IC = -1 mA
50
DIVID1
Variation Ratio of hFE1
Between Die 1 and Die 2
hFE1(Die1) / hFE1(Die2)
0.9
1.1
hFE2
DC Current Gain(4)
VCE = -5 V, IC = -10 mA
60
240
DIVID2
Variation Ratio of hFE2
Between Die 1 and Die 2
hFE2(Die1) / hFE2(Die2)
0.95
1.05
hFE3
DC Current Gain(4)
VCE = -5 V, IC = -50 mA
50
DIVID3
Variation Ratio of hFE3
Between Die 1 and Die 2
hFE3(Die1) / hFE3(Die2)
0.9
1.1
VCE(sat) Collector-Emitter Saturation Voltage
(4)
IC = -10 mA, IB = -1 mA
-0.2
V
IC = -50 mA, IB = -5 mA
-0.5
VBE(sat) Base-Emitter Saturation Voltage
(4)
IC = -10 mA, IB = -1 mA
-1
V
IC = -50 mA, IB = -5 mA
-1
VBE(on) Base-Emitter On Voltage
(4)
VCE = -5 V, IC = -10 mA
-1
V
DEL
Difference of VBE(on)
Between Die1 and Die 2
VBE(on)(Die1) - VBE(on)(Die2)
-8
8
mV
fT
Current Gain Bandwidth Product
VCE = -10 V, IC = -10 mA,
f = 100 MHz
100
300
MHz
Cob
Output Capacitance
VCB = -10 V, IE = 0, f = 1 MHz
6.0
pF
NF
Noise Figure
VCE = -5.0 V, IC = -250 μA,
RS = 1.0 kΩ,
f = 10 Hz to 15.7 kHz
8.0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com