Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBM5551 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMBM5551
Description  NPN General-Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBM5551 Datasheet(HTML) 2 Page - ON Semiconductor

  FMBM5551 Datasheet HTML 1Page - ON Semiconductor FMBM5551 Datasheet HTML 2Page - ON Semiconductor FMBM5551 Datasheet HTML 3Page - ON Semiconductor FMBM5551 Datasheet HTML 4Page - ON Semiconductor FMBM5551 Datasheet HTML 5Page - ON Semiconductor FMBM5551 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.onsemi.com
2
Thermal Characteristics(1), (2)
Values are at TA = 25°C unless otherwise noted.
Notes:
1. PD total, for both transistors. For each transistor, PD = 350 mW.
2. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC = 25°C)
0.7
W
Derate Above 25
°C5.6
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
180
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
IC = 1 mA, IB = 0
160
V
BVCBO
Collector-Base Breakdown Voltage
IC = 100 μA, IE = 0
180
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10 μA, IC = 0
6
V
ICBO
Collector Cut-Off Current
VCB = 120 V, IE = 0
50
nA
VCB = 120 V, IE = 0, TA = 100°C
50
μA
IEBO
Emitter Cut-Off Current
VEB = 4 V, IC = 0
50
nA
hFE1
DC Current Gain
VCE = 5 V, IC = 1 mA
80
DIVID1
Variation Ratio of hFE1
Between Die 1 and Die 2
hFE1(Die1) / hFE1(Die2)
0.9
1.1
hFE2
DC Current Gain
VCE = 5 V, IC = 10 mA
80
250
DIVID2
Variation Ratio of hFE2
Between Die 1 and Die 2
hFE2(Die1) / hFE2(Die2)
0.95
1.05
hFE3
DC Current Gain
VCE = 5 V, IC = 50 mA
30
DIVID3
Variation Ratio of hFE3
Between Die 1 and Die 2
hFE3(Die1) / hFE3(Die2)
0.9
1.1
VCE(sat) Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1 mA
0.15
V
IC = 50 mA, IB = 5 mA
0.20
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1 mA
1
V
IC = 50 mA, IB = 5 mA
1
VBE(on)
Base-Emitter On Voltage
VCE = 5 V, IC = 10 mA
1
V
DEL
Difference of VBE(on)
Between Die1 and Die 2
VBE(on)(Die1) - VBE(on)(Die2)
-8
8
mV
Cob
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
6
pF
Cib
Input Capacitance
VEB = 0.5 V, IC = 0, f = 1 MHz
20
pF
fT
Current Gain Bandwidth Product
VCE = 10 V, IC = 10 mA,
f = 100 MHz
100
300
MHz
NF
Noise Figure
VCE = 5 V, IC = 200 μA,
f = 1 MHz, RS = 20 kΩ,
B = 200 Hz
8dB
hfe
Small Signal Current Gain
VCE = 10 V, IC = 1.0 mA,
f = 10 kHz
50
250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com