Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT449 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMMT449
Description  NPN Low Saturation Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMMT449 Datasheet(HTML) 2 Page - ON Semiconductor

  FMMT449 Datasheet HTML 1Page - ON Semiconductor FMMT449 Datasheet HTML 2Page - ON Semiconductor FMMT449 Datasheet HTML 3Page - ON Semiconductor FMMT449 Datasheet HTML 4Page - ON Semiconductor FMMT449 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FMMT449
NPN Low Saturation Transistor
These devices are designed with high current gain and low saturation voltage with collector currents up to 2A
continuous. Sourced from Process NB.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
°C
-55 to +150
Operating and Storage Junction Temperature Range
TJ, Tstg
A
1
2
Collector Current - Continuous
- Peak Pulse Current
IC
V
5
Emitter-Base Voltage
VEBO
V
50
Collector-Base Voltage
VCBO
V
30
Collector-Emitter Voltage
VCEO
Units
FMMT449
Parameter
Symbol
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
°C/W
250
Thermal Resistance, Junction to Ambient
RθJA
mW
mW/°C
500
4
Total Device Dissipation*
Derate above 25°C
PD
FMMT449
Units
Max
Characteristic
Symbol
*Device mounted on FR-4 PCB 4.5” X 5”; mounting pad 0.02 in
2 of 2oz copper.
Page 1 of 2
© 1998Fairchild Semiconducto Corporation
fmmt449.lwpPrNB revA
SuperSOT
TM-3
C
E
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com