Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB749 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB749
Description  PNP Low Saturation Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB749 Datasheet(HTML) 3 Page - ON Semiconductor

  FSB749 Datasheet HTML 1Page - ON Semiconductor FSB749 Datasheet HTML 2Page - ON Semiconductor FSB749 Datasheet HTML 3Page - ON Semiconductor FSB749 Datasheet HTML 4Page - ON Semiconductor FSB749 Datasheet HTML 5Page - ON Semiconductor FSB749 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB749 Rev. 1.1.0
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size: FR-4 76 x 114 x 1.57 mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics(4)
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 µs, duty cycle ≤ 2.0%.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
250
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown
Voltage
IC = -10 mA
-25
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100 µA-35
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -100 µA-5.0
V
ICBO
Collector Cut-Off Current
VCB = -30 V
-100
nA
VCB = -30 V, TA = 100 °C-10
µA
IEBO
Emitter Cut-Off Current
VEB = -4 V
-100
nA
hFE
DC Current Gain
IC = -50 mA, VCE = -2 V
70
IC = -1.0 A, VCE = -2 V
100
300
IC = -2.0 A, VCE = -2 V
75
IC = -6.0 A, VCE = -2 V
15
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -1 A, IB = -100 mA
-300
mV
IC = -3 A, IB = -300 mA
-600
VBE(sat)
Base-Emitter Saturation Voltage
IC = -1 A, IB = -100 mA
-1.25
V
VBE(on)
Base-Emitter On Voltage
IC = -1 A, VCE = -2 V
-1
V
Cob
Output Capacitance
VCB = -10 V, IE = 0,
f = 1 MHz
100
pF
fT
Current Gain - Bandwidth Product
IC = -100 mA, VCE = -5 V,
f = 100 MHz
100
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com