Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1604ASNA Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1604ASNA
Description  PWM/PFM Dual Mode Step-down DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1604ASNA Datasheet(HTML) 7 Page - Anachip Corp

  AP1604ASNA Datasheet HTML 1Page - Anachip Corp AP1604ASNA Datasheet HTML 2Page - Anachip Corp AP1604ASNA Datasheet HTML 3Page - Anachip Corp AP1604ASNA Datasheet HTML 4Page - Anachip Corp AP1604ASNA Datasheet HTML 5Page - Anachip Corp AP1604ASNA Datasheet HTML 6Page - Anachip Corp AP1604ASNA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP1604
PWM/PFM Dual Mode Step-down DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun. 27, 2005
7/7
Package Information (Continued)
(2) SON-6L (3
×3×0.8mm)
E
E1
L
C
0.10
SEATING PLANE
Pin1 ID Area
2x
C 0.25
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.203 REF.
0.008 REF
b
0.30
0.40
0.45
0.012
0.016
0.018
D
2.90
3.00
3.10
0.114
0.118
0.122
D1
1.90
2.10
2.30
0.075
0.083
0.091
E
2.90
3.00
3.10
0.114
0.118
0.122
E1
1.30
1.50
1.70
0.051
0.059
0.067
L
0.30
0.40
0.50
0.012
0.016
0.020
e
0.95 BSC.
0.037 BSC.
e1
1.90 BSC.
0.075 BSC.
y
0.00
-
0.08
0.000
-
0.003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com