Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7AP1002-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7AP1002-12
Description  12 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7AP1002-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7AP1002-12_V01 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7AP1002-12_V01 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7AP1002-12_V01 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7AP1002-12_V01 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7AP1002-12_V01 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
•
Bidirectional
•
DC to 6 GHz Frequency Range
•
Attenuation 12 ± 0.5 dB
•
Max Power 1 Watts (CW)
•
VSWR < 1.30:1
Applications
•
Instrumentation
•
Precision measurements
•
Prototyping and characterization
•
Production systems
.
Description
Pasternack carries a wide range of ixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and ampliiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in ampliiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as ixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 12 dB Fixed Attenuator PE7AP1002-12 is rated to 1 Watt and operates from DC to
6 GHz. The versatile coaxial package uses QMA male to QMA female connectors and is also REACH and RoHS compliant.
Electrical Speciications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
Impedance
50
Ohms
Nominal Attenuation
12
dB
Input Power, CW
1
Watts
Input Power, Peak
100
Watts
1 µs, 1%
.
Speciications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 2
2 to 6
GHz
VSWR, Max
1.2:1
1.3:1
Attenuation Accuracy, Typ
±0.5
±0.5
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 12 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body Rated to 1 Watt Up
to 6 GHz
PE7AP1002-12
PE7AP1002-12 REV 1.0
12 dB Fixed Attenuator, QMA Male to QMA Female
Brass Tri-Metal Body Rated to 1 Watt Up to 6 GHz
RF Fix e d At t e nua t ors Te c hnic a l Da t a She e t
PE7 AP1 0 0 2 -1 2


Similar Part No. - PE7AP1002-12_V01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7AP1002-12 PASTERNACK-PE7AP1002-12 Datasheet
240Kb / 4P
RF Fixed Attenuators Technical Data Sheet
More results

Similar Description - PE7AP1002-12_V01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7161-8 PASTERNACK-PE7161-8_16 Datasheet
237Kb / 3P
8 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
PE7161-12 PASTERNACK-PE7161-12_16 Datasheet
237Kb / 3P
12 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
PE7AP1002-0 PASTERNACK-PE7AP1002-0_V01 Datasheet
312Kb / 5P
0 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-1 PASTERNACK-PE7AP1002-1_V01 Datasheet
322Kb / 5P
1 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-2 PASTERNACK-PE7AP1002-2_V01 Datasheet
323Kb / 5P
2 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-3 PASTERNACK-PE7AP1002-3_V01 Datasheet
321Kb / 5P
3 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-6 PASTERNACK-PE7AP1002-6_V01 Datasheet
320Kb / 5P
6 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-9 PASTERNACK-PE7AP1002-9_V01 Datasheet
330Kb / 5P
9 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-15 PASTERNACK-PE7AP1002-15_V01 Datasheet
320Kb / 5P
15 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PE7AP1002-20 PASTERNACK-PE7AP1002-20_V01 Datasheet
331Kb / 5P
20 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com