Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE73SP1002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE73SP1002
Description  Type N F/M In/Out Bulkhead Coax RF Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE73SP1002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE73SP1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE73SP1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE73SP1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Speciications
.
Coniguration
Input Connector
N Female
Output Connector
N Male
Environmental Speciications
Temperature
Operating Range
-50 to 85 deg C
.
Ingress Protection (IP) Rating
IP 67
Compliance Certiications (see product page for current document)
Plotted and Other Data
Notes:
Type N F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter with Bracket
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Type N F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67,
40kA, Filter with Bracket PE73SP1002
URL:
https://www.pasternack.com/type-n-surge-protector-2.7ghz-ilter-pe73sp1002-p.aspx
PE73SP1002 REV 1.0
RF Surge Prot e c t ors Te c hnic a l Da t a She e t
PE7 3 SP1 0 0 2
Type N F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz
- 2.7GHz, DC Block, 500W, IP67, 40kA, Filter with Bracket



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com