Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE73SP1004 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE73SP1004
Description  7/16 F/F In/Out Bulkhead Coax RF Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE73SP1004 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE73SP1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE73SP1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE73SP1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
•
Surge current of 20kA
•
Max Power 1000W
•
Frequency range from 698 MHz to 2.7 GHz
•
Waterproof IP67 rated
•
7/16 DIN female connectors
•
DC Pass
•
Low PIM
•
VSWR <1.2:1
•
Low insertion loss
•
CE & RoHS compliant
Applications
•
Cellular communication systems
•
Public safety systems
•
Emergency response systems
•
Industrial
.
Description
RF surge protector (also known as lightning arrester) PE73SP1004 from Pasternack utilizing a patented spiral inductor
design enables an almost instantaneous response to a lightning surge to protect critical hardware while maintaining the RF
performance. This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency
range. All Pasternack RF surge protector products are available in stock with same day shipping.
Electrical Speciications
Surge Protector Type
Surge Filter
DC Handling
DC Pass
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.698
2.7
GHz
Impedance
50
Ohms
VSWR
1.2:1
Return Loss
20
dB
Insertion Loss
0.1
dB
Passive Intermodulation
-155
dBc
Input Power, CW
1
kWatts
@ 920 MHz
Surge Current
20
kAmps
IEC 61000-4-5 8/20µs WAVEFORM
Throughput Energy
25,000
µJ
FOR 2kA IEC 61000-4-5 8/20µs WAVEFORM
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 7/16 F/F In/Out Bulkhead Coax RF Surge Protector, 698MHz - 2.7GHz, DC Pass, 1000W,
IP67, 20kA, Filter, Low PIM -155 dBc PE73SP1004
PE73SP1004 REV 1.0
7/16 F/F In/Out Bulkhead Coax RF Surge Protector, 698MHz -
2.7GHz, DC Pass, 1000W, IP67, 20kA, Filter, Low PIM -155 dBc
RF Surge Prot e c t ors Te c hnic a l Da t a She e t
PE7 3 SP1 0 0 4


Similar Part No. - PE73SP1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
More results

Similar Description - PE73SP1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1007 PASTERNACK-PE73SP1007 Datasheet
219Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1008 PASTERNACK-PE73SP1008 Datasheet
233Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1034 PASTERNACK-PE73SP1034 Datasheet
250Kb / 3P
7/16 M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com