Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE73SP1005 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE73SP1005
Description  7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE73SP1005 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE73SP1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE73SP1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE73SP1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Speciications
.
Coniguration
Input Connector
7/16 DIN Female
Output Connector
7/16 DIN Male
Environmental Speciications
Temperature
Operating Range
-50 to 85 deg C
.
Ingress Protection (IP) Rating
IP 67
Compliance Certiications (see product page for current document)
Plotted and Other Data
Notes:
7/16 F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz - 2.7GHz, DC Pass, 1000W, IP67, 20kA, Filter, Low PIM -155
dBc from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 7/16 F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz - 2.7GHz, DC Pass, 1000W, IP67,
20kA, Filter, Low PIM -155 dBc PE73SP1005
URL:
https://www.pasternack.com/7-16-din-surge-protector-2.7ghz-ilter-pe73sp1005-p.aspx
PE73SP1005 REV 1.0
RF Surge Prot e c t ors Te c hnic a l Da t a She e t
PE7 3 SP1 0 0 5
7/16 F/M In/Out Bulkhead Coax RF Surge Protector, 698MHz -
2.7GHz, DC Pass, 1000W, IP67, 20kA, Filter, Low PIM -155 dBc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com