Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSX-325PC Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CSX-325PC
Description  PROGRAMMABLE OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CSX-325PC Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CSX-325PC Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
25
1.000MHz ∼ 125.000MHz
Vdd : 5.0V±0.5V
Vdd : 3.3V±0.3V
B : ±50ppm, C : ±100ppm, E : ±50ppm(−40℃∼+85℃),F : ±100ppm(−40℃∼+85℃)
−
20℃∼+70℃(−40℃∼+85℃)
−
55℃∼+125℃
40mA Max.
25mA Max.
40∼60%
Vdd−0.4V Min.
0.4V Max
CMOS 15pF Max.
4 nsec Max.
10 msec Max.
2.0V Min.
0.7Vdd Min.
0.8V Max.
0.2Vdd Max.
30mA Max.
15mA Max.
50μA Max.
±2ppm / year Max.
■FEATURES
7Wide range of output frequency by PLL technology.
7Quick sample delivery and short lead time in mass
production.
7Automatic mounting and reflowable type.
7Low current consumption with output enable
function (OE) or stand by function (STAND-BY).
7Suitable for various applications such as
communication devices, AV devices, automotive
devices and measuring instruments.
0.9
1.2
1.0 Max.
#2
#2
#1
#1
#4
#4
#3
#3
3.2±0.2
Pin No.
#1
#2
#3
#4
Connection
OE or ST
GND
OUT
Vdd
Pin Assignment
2.4
1.4
Life-size
■DIMENSION [mm]
■SOLDER PAD LAYOUT [mm]
CSX-325P SERIES
Frequency Range
Supply Voltag
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Current consumption
Duty
Output Voltage
Output Load
Rise and Fall Time
Start-up time
Input Voltage
Disable current
Stand-by current
Aging (first year)
CMOS level(1/2 Vdd)
VOH
VOL
VIH
VIL
CSX-325 PB
(*)
STAND-BY
OE
CSX-325 PJ
(*)
CSX-325 PC
(*)
CSX-325 PD
(*)
■STANDARD SPECIFICATIONS
Item
Model
*Model is determined by the selection for the output enable function or atand by, the frequency stability and the supply voltage.
PROGRAMMABLE OSCILLATORS (SMD • Ceramic Package)
2000pcs/reel
0.2Vdd⇔0.8Vdd
(No load)


Similar Part No. - CSX-325PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
More results

Similar Description - CSX-325PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
OSCILLATORS - PROGRAMMABLE
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
OSCILLATORS - PROGRAMMABLE
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
Programmable Crystal Oscillators
logo
CITIZEN ELECTRONICS CO....
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
PROGRAMMABLE OSCILLATORS
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
PROGRAMMABLE OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com